Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS90C65N Fiches technique(PDF) 10 Page - Integrated Circuit Systems

No de pièce ICS90C65N
Description  Dual Voltage Video/Memory Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS90C65N Fiches technique(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS90C65N Datasheet HTML 2Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 3Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 4Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 5Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 6Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 7Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 8Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 9Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
20-Pin DIP Package
20-Pin SOIC Package
PLCC Package
Ordering Information
ICS90C65N or ICS90C65M or ICS90C65V
Example:
ICS XXXX- XXX N
Package Type
N=DIP (Plastic)
V=PLCC
M=SOIC
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Device Type (consists of 3-6 digit numbers)
Prefix
ICS, AV=Standard Device; GSP=Genlock Device
ICS90C65
10



Html Pages

1 2 3 4 5 6 7 8 9 10