Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C32-DF Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M24C32-DF
Description  32-Kbit serial IC bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-DF Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M24C32-DF Datasheet HTML 3Page - STMicroelectronics M24C32-DF Datasheet HTML 4Page - STMicroelectronics M24C32-DF Datasheet HTML 5Page - STMicroelectronics M24C32-DF Datasheet HTML 6Page - STMicroelectronics M24C32-DF Datasheet HTML 7Page - STMicroelectronics M24C32-DF Datasheet HTML 8Page - STMicroelectronics M24C32-DF Datasheet HTML 9Page - STMicroelectronics M24C32-DF Datasheet HTML 10Page - STMicroelectronics M24C32-DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
DocID4578 Rev 24
7/42
M24C32-W M24C32-R M24C32-F M24C32-X M24C32-DF
Description
41
Figure 2. 8-pin package connections, top view
1. See Section 9: Package mechanical data for package dimensions, and how to identify pin 1.
Figure 3. UFDFPN5 package connections
1. Inputs E2, E1, E0 are not connected, therefore read as (000). Please refer to Section 2.3 for further
explanations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42