Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS570BI Fiches technique(PDF) 5 Page - Integrated Circuit Systems

No de pièce ICS570BI
Description  Multiplier and Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS570BI Fiches technique(HTML) 5 Page - Integrated Circuit Systems

  ICS570BI Datasheet HTML 1Page - Integrated Circuit Systems ICS570BI Datasheet HTML 2Page - Integrated Circuit Systems ICS570BI Datasheet HTML 3Page - Integrated Circuit Systems ICS570BI Datasheet HTML 4Page - Integrated Circuit Systems ICS570BI Datasheet HTML 5Page - Integrated Circuit Systems ICS570BI Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ICS570B
Multiplier and Zero Delay Buffer
MDS 570B A
5
Revision 053001
Integrated Circuit Systems, Inc . • 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel • www.icst.com
PRELIMINARY INFORMATION
Recommended Circuit:
VDD
GND
INPUT
ICK
CLK
CLK/2
ICLK
CLK
CLK/2
x2 Mode (S1, S0 = 1, 1)
CLK Feedback
x2 Mode (S1, S0 = 1, 0)
CLK/2 Feedback
CLK
CLK/2
S1
S0
Using CLK as the feedback will always result in synchronized rising edges between ICLK and CLK. However, the CLK/2
could be a falling edge compared with ICLK. Therefore, whenever possible, we recommend the use of CLK/2 feedback.
This will synchronize the rising edges of all 3 clocks.
FBIN



Html Pages

1 2 3 4 5 6