Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS570AI Fiches technique(PDF) 5 Page - Integrated Circuit Systems

No de pièce ICS570AI
Description  Multiplier and Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS570AI Fiches technique(HTML) 5 Page - Integrated Circuit Systems

  ICS570AI Datasheet HTML 1Page - Integrated Circuit Systems ICS570AI Datasheet HTML 2Page - Integrated Circuit Systems ICS570AI Datasheet HTML 3Page - Integrated Circuit Systems ICS570AI Datasheet HTML 4Page - Integrated Circuit Systems ICS570AI Datasheet HTML 5Page - Integrated Circuit Systems ICS570AI Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ICS570A
Multiplier and Zero Delay Buffer
MDS 570A C
5
Revision 102700
Printed 11/14/00
Integrated Circuit Systems, Inc .• 525 Race Street • San Jose • CA •95126• (408)295-9800tel •www.icst.com
Recommended Circuit:
VDD
GND
INPUT
ICK
CLK
CLK/2
ICLK
CLK
CLK/2
x2 Mode (S1, S0 = 1, 1)
CLK Feedback
x2 Mode (S1, S0 = 1, 0)
CLK/2 Feedback
CLK
CLK/2
S1
S0
Using CLK as the feedback will always result in synchronized rising edges between ICLK and CLK. But the
CLK/2 could be a falling edge compared with ICLK. Therefore, wherever possible, we recommend the use of
CLK/2 feedback. This will synchronize the rising edges of all 3 clocks.
FBIN



Html Pages

1 2 3 4 5 6