Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS1574B Fiches technique(PDF) 9 Page - Integrated Circuit Systems

No de pièce ICS1574B
Description  User Programmable Laser Engine Pixel Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1574B Fiches technique(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS1574B Datasheet HTML 4Page - Integrated Circuit Systems ICS1574B Datasheet HTML 5Page - Integrated Circuit Systems ICS1574B Datasheet HTML 6Page - Integrated Circuit Systems ICS1574B Datasheet HTML 7Page - Integrated Circuit Systems ICS1574B Datasheet HTML 8Page - Integrated Circuit Systems ICS1574B Datasheet HTML 9Page - Integrated Circuit Systems ICS1574B Datasheet HTML 10Page - Integrated Circuit Systems ICS1574B Datasheet HTML 11Page - Integrated Circuit Systems ICS1574B Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
ICS1574B
BIT(S)
BIT REF.
DESCRIPTION
45
Reserved
Must be set to 1.
46
PCLK_EN
Must be set to 0.
Disables the PCLK divider when set to 1 regardless of
PCLKEN input state.
47, 48
Reserved
Must be set to 0.
49 – 55
R[0]..R[6]
Reference divider modulus control bits.
Modulus = value +1.
56
REF_POL
PLL locks to rising edge of XTAL1 input when
REFPOL = 1, falling edge of XTAL1 when REFPOL = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12