| Moteur de recherche de fiches techniques de composants électroniques |
|
STAC9707T Fiches technique(PDF) 21 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
STAC9707T Fiches technique(HTML) 21 Page - Hynix Semiconductor |
|
21 / 49 page ![]() SigmaTel, Inc. STAC9704/7 21 10/02/98 Cold Reset - a cold reset is achieved by asserting RESET# for the minimum specified time. By driving RESET# low, BIT_CLK, and SDATA_IN will be activated, or re-activated as the case may be, and all STAC9704/7 control registers will be initialized to their default power on reset values. Note: RESET# is an asynchronous input. # denotes active low Warm Reset - a warm reset will re-activate the AC-link without altering the current STAC9704/7 register values. A warm reset is signaled by driving SYNC high for a minimum of 1 us in the absence of BIT_CLK. Note: Within normal audio frames, SYNC is a synchronous input. However, in the absence of BIT_CLK, SYNC is treated as an asynchronous input used in the generation of a warm reset to the STAC9704/7. |