Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDM8515 Fiches technique(PDF) 34 Page - Hynix Semiconductor

No de pièce HDM8515
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515 Fiches technique(HTML) 34 Page - Hynix Semiconductor

Back Button HDM8515 Datasheet HTML 30Page - Hynix Semiconductor HDM8515 Datasheet HTML 31Page - Hynix Semiconductor HDM8515 Datasheet HTML 32Page - Hynix Semiconductor HDM8515 Datasheet HTML 33Page - Hynix Semiconductor HDM8515 Datasheet HTML 34Page - Hynix Semiconductor HDM8515 Datasheet HTML 35Page - Hynix Semiconductor HDM8515 Datasheet HTML 36Page - Hynix Semiconductor HDM8515 Datasheet HTML 37Page - Hynix Semiconductor HDM8515 Datasheet HTML 38Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
34
Step 2: According to the following formula, Kpll is determined
Kpll = (Zero value * Pole value)
1/2
Step 3: According to the following formula, Kpd is determined
Kpd = 1000.0 * Kpll * Feedback Divisor / Kvcop / rlf
Step 4: According to the following formula, temp value is determined
Temp value = 2.0 * 3.14 * Kpd
Step 5: Finally, According to the following formula, icp is determined
icp = 16.5 – 16.0 / 40.0 * temp value
If icp value has fraction, truncate it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75