Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDM8513AP Fiches technique(PDF) 60 Page - Hynix Semiconductor

No de pièce HDM8513AP
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AP Fiches technique(HTML) 60 Page - Hynix Semiconductor

Back Button HDM8513AP Datasheet HTML 56Page - Hynix Semiconductor HDM8513AP Datasheet HTML 57Page - Hynix Semiconductor HDM8513AP Datasheet HTML 58Page - Hynix Semiconductor HDM8513AP Datasheet HTML 59Page - Hynix Semiconductor HDM8513AP Datasheet HTML 60Page - Hynix Semiconductor HDM8513AP Datasheet HTML 61Page - Hynix Semiconductor HDM8513AP Datasheet HTML 62Page - Hynix Semiconductor HDM8513AP Datasheet HTML 63Page - Hynix Semiconductor HDM8513AP Datasheet HTML 64Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
60
Figure A2 illustrates the transient response of the carrier tracking loop with the same loop
bandwidth settings at high signal-to-noise ratio. The phase step for this test corresponds to 45
degrees. The actual bandwidth of the carrier loop is greater than that of the symbol loop for the
same settings because the carrier loop must cope with greater dynamics (such as frequency offset
and drift). Figure A3 illustrates the transient response of the carrier phase tracking loop under the
same conditions at minimum signal-to-noise ratio (Eb/N0 of 4 dB with rate 1/2 coding). The
highest bandwidth case will pull in with a carrier frequency error of + or - .005 of the symbol rate at
this minimum signal level. Higher loop bandwidth may be programmed to provide greater pull-in
with higher signal-to-noise ratio conditions.
FIGURE A2: CARRIER PHASE RECOVERY TRANSIENT RESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67