Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GMS90C31 Fiches technique(PDF) 27 Page - Hynix Semiconductor

No de pièce GMS90C31
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C31 Fiches technique(HTML) 27 Page - Hynix Semiconductor

Back Button GMS90C31 Datasheet HTML 23Page - Hynix Semiconductor GMS90C31 Datasheet HTML 24Page - Hynix Semiconductor GMS90C31 Datasheet HTML 25Page - Hynix Semiconductor GMS90C31 Datasheet HTML 26Page - Hynix Semiconductor GMS90C31 Datasheet HTML 27Page - Hynix Semiconductor GMS90C31 Datasheet HTML 28Page - Hynix Semiconductor GMS90C31 Datasheet HTML 29Page - Hynix Semiconductor GMS90C31 Datasheet HTML 30Page - Hynix Semiconductor GMS90C31 Datasheet HTML 31Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
GMS90 Series
Oct. 2000 Ver 3.1a
23
A low-priority interrupt can itself be interrupted by a high-priority interrupt, but not by another low priority in-
terrupt. A high-priority interrupt cannot be interrupted by any other interrupt source.
If two requests of different priority level are received simultaneously, the request of higher priority is serviced.
If requests of the same priority are received simultaneously, an internal polling sequence determines which re-
quest is serviced. Thus within each priority level there is a second priority structure determined by the polling
sequence as shown in Table 9.
Table 8. Interrupt Sources and their Corresponding Interrupt Vectors
Source (Request Flags)
Vectors
Vector Address
RESET
IE0
TF0
IE1
TF1
RI
+ TI
TF2
+ EXF2
RESET
External interrupt 0
Timer 0 interrupt
External interrupt 1
Timer 1 interrupt
Serial port interrupt
Timer 2 interrupt
0000H
0003H
000BH
0013H
001BH
0023H
002BH
Table 9. Interrupt Priority-Within-Level
Interrupt Source
Priority
External Interrupt 0
Timer 0 Interrupt
External Interrupt 1
Timer 1 Interrupt
Serial Channel
Timer 2 Interrupt
IE0
TF0
IE1
TF1
RI + TI
TF2 + EXF2
High
↓
↓
↓
↓
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59