| Moteur de recherche de fiches techniques de composants électroniques |
|
AT83SND2CMP3B Fiches technique(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND2CMP3B Fiches technique(HTML) 3 Page - ATMEL Corporation |
|
3 / 242 page ![]() 3 4341H–MP3–10/07 AT8xC51SND2C/MP3B 3. Block Diagram Figure 3-1. AT8xC51SND2C / AT8XSND2CMP3B Block Diagram Clock and PLL Unit C51 (X2 Core) Flash ROM Interrupt Handler Unit FILT X2 X1 MP3 TWI Controller MMC Interface I/OPorts SCL SDA MDAT P0-P4 VSS VDD Keyboard Interface KIN0 I2S/PCM Audio INT0 INT1 MOSI MISO 3 Alternate function of Port 3 4 Alternate function of Port 4 Timers 0/1 T1 T0 SPI/DataFlash Controller MCLK MCMD SCK RST DSEL DCLK SCLK DOUT 64 KBytes USB Controller D+ D- UART RXD TXD IDE Interface SS Watchdog Flash Boot 4 KBytes ISP UVSS UVDD and BRG ALE 3 3 3 3 3 4 4 4 4 Audio Decoder Interface PA Audio DAC Unit HSR HSL AUXP RAM 2304Bytes 3 AUXN LINEL LINER MONOP MONON PAINP PAINN HPP HPN 10-bit A to D Converter AREF AIN1:0 (ADC is available on 8xSND2CMP3B only) |