| Moteur de recherche de fiches techniques de composants électroniques |
|
AT80SND2CMP3B Fiches technique(PDF) 62 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80SND2CMP3B Fiches technique(HTML) 62 Page - ATMEL Corporation |
|
62 / 242 page ![]() 62 4341H–MP3–10/07 AT8xC51SND2C/MP3B 12.4 Registers Table 12-2. WDTRST Register WDTRST (S:A6h Write only) – Watchdog Timer Reset Register Reset Value = XXXX XXXXb Figure 12-4. WDTPRG Register WDTPRG (S:A7h) – Watchdog Timer Program Register Reset Value = XXXX X000b 7 6 5 4 3 2 1 0 - - - - - - - - Bit Number Bit Mnemonic Description 7 - 0 - Watchdog Control Value 7 6 5 4 3 2 1 0 - - - - - WTO2 WTO1 WTO0 Bit Number Bit Mnemonic Description 7 - 3 - Reserved The value read from these bits is indeterminate. Do not set these bits. 2 - 0 WTO2:0 Watchdog Timer Time-Out Selection Bits Refer to Table 12-1 for time-out periods. |