| Moteur de recherche de fiches techniques de composants électroniques |
|
GMS81C1102 Fiches technique(PDF) 16 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS81C1102 Fiches technique(HTML) 16 Page - Hynix Semiconductor |
|
16 / 89 page ![]() GMS81C1102 / GMS81C1202 Jan. 2002 ver 2.0 13 10.4 A/D Converter Characteristics - GMS81C1102, GMS81C1202 • (VSS=0V, VDD=3.072V/@fXIN =4MHz, VDD=5.12V/@fXIN =8MHz, TA=-20° °°°C~+85°°°°C ) Parameter Symbol Condition Specifications Unit Min. Typ. Max. Analog Input Voltage Range VAIN AVREFS=0 VSS - VDD V AVREFS=1 VSS - VREF Analog Power Supply Input Voltage Range VREF AVREFS=1 3 - VDD V Overall Accuracy NACC - ±1.0 ±1.5 LSB Non-Linearity Error NNLE - ±0.8 ±1.2 LSB Differential Non-Linearity Error NDNLE - ±1.0 ±1.5 LSB Zero Offset Error NZOE - ±1.0 ±1.5 LSB Full Scale Error NFSE - ±0.25 ±0.5 LSB Gain Error NNLE - ±1.0 ±1.5 LSB Conversion Time TCONV fXIN=4MHz -- 20 µS fXIN=8MHz -- 10 AVREF Input Current IREF fXIN=4MHz -0.4 0.6 mA fXIN=8MHz -0.5 1.0 |