Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GMS81024 Fiches technique(PDF) 39 Page - Hynix Semiconductor

No de pièce GMS81024
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81024 Fiches technique(HTML) 39 Page - Hynix Semiconductor

Back Button GMS81024 Datasheet HTML 35Page - Hynix Semiconductor GMS81024 Datasheet HTML 36Page - Hynix Semiconductor GMS81024 Datasheet HTML 37Page - Hynix Semiconductor GMS81024 Datasheet HTML 38Page - Hynix Semiconductor GMS81024 Datasheet HTML 39Page - Hynix Semiconductor GMS81024 Datasheet HTML 40Page - Hynix Semiconductor GMS81024 Datasheet HTML 41Page - Hynix Semiconductor GMS81024 Datasheet HTML 42Page - Hynix Semiconductor GMS81024 Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
4 - 1
Chapter 4. Peripheral Hardware
CHAPTER 4. PERIPHERAL HARDWARE
4.1 CLOCK GENERATING CIRCUIT
Clock generating circuit consists of Clock Pulse Generator(C.P.G), Prescaler, Basic
Interval Timer(B.I.T) and Watch Dog Timer.
The clock applied to the Xin pin divided by two is used as the internal system clock.
Fig. 4.1 Block diagram of clock generating circuit
PRESCALER
C.P.G
MUX
WDT (6)
COMPARATOR
Internal Data Bus
0
1
2
3
4
0
5
6
6
WDTON
To Reset
Circuit
IFWDT
WDTCL
IFBIT
5
0
7
0
fcpu
fex
PS1
ENPCK
Peripheral
CKCTLR
BTCL
3
8
OSC
Circuit
B.I.T (8)
6
WDTR
Internal System Clock
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More