| Moteur de recherche de fiches techniques de composants électroniques |
|
PC3ST11NSZAF Fiches technique(PDF) 14 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC3ST11NSZAF Fiches technique(HTML) 14 Page - Sharp Corporation |
|
14 / 15 page ![]() 2. Wide SMT Gullwing Package materials Carrier tape : PS Cover tape : PET (three layer system) Reel : PS Carrier tape structure and Dimensions 14 Dimensions List A 24.0±0.3 B 11.5±0.1 C 1.75±0.1 D 8.0±0.1 E 2.0±0.1 H 12.4±0.1 I 0.4±0.05 J 4.1±0.1 K 5.1±0.1 F 4.0±0.1 G φ1.5+0.1 −0 (Unit : mm) J G I E C F D K a e g f b d Dimensions List (Unit : mm) a 330 b 25.5±1.5 c 100±1.0 d 13±0.5 e 23±1.0 f 2.0±0.5 g 2.0±0.5 Pull-out direction [Packing : 2 000pcs/reel] Reel structure and Dimensions Direction of product insertion PC3ST11NSZ Series Sheet No.: D2-A07001EN |