Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GDC21D301A Fiches technique(PDF) 28 Page - Hynix Semiconductor

No de pièce GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Fiches technique(HTML) 28 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 24Page - Hynix Semiconductor GDC21D301A Datasheet HTML 25Page - Hynix Semiconductor GDC21D301A Datasheet HTML 26Page - Hynix Semiconductor GDC21D301A Datasheet HTML 27Page - Hynix Semiconductor GDC21D301A Datasheet HTML 28Page - Hynix Semiconductor GDC21D301A Datasheet HTML 29Page - Hynix Semiconductor GDC21D301A Datasheet HTML 30Page - Hynix Semiconductor GDC21D301A Datasheet HTML 31Page - Hynix Semiconductor GDC21D301A Datasheet HTML 32Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
29
GDC21D301A
PSI_n’ s
data
Buffer
Write
Pointer
register (0x61e + 4*N)
Same as Read pointer register. This value should
be located between start and end pointer. It is
recommended that this initial value is the same of
start pointer value. (See Round Buffer register
0x005)
Channel buffer pointer (0x700 ~ 0x706)
Same as PSI_n’s data buffer pointer register.
This buffer is used to store FEC input data.
the
GDC21D301A will read the data from this buffer
to decode TS packets. The read pointer is used to
read data.
Audio compressed data buffer pointer
(0x708 ~ 0x70e)
Same as PSI_n’s data buffer pointer register.
This buffer is used to store the data which is sent to
external audio decoder. the GDC21D301A will
read the data from this buffer to send them to
external audio decoder. The read pointer is used to
read data.
Audio
PES_extension
data
buffer
pointer(0x710 ~ 0x716)
Same as PSI_n’s data buffer pointer register.
This buffer is used to store the PES_extension data
of audio packets. Before storing the PES_extension
data, the GDC21D301A writes the size of the
PES_extension data + stuffing_bytes. The read
pointer is not used by the GDC21D301A.
Video PES_extension data buffer pointer
(0x718 ~ 0x71e)
Same as PSI_n’s data buffer pointer register.
This buffer is used to store the PES_extension data
of video packets. Before storing the PES_extension
data, the GDC21D301A writes the size of the
PES_extension data + stuffing_bytes. The read
pointer is not used by the GDC21D301A.
Auxiliary compressed data buffer pointer
(0x720 ~ 0x726)
Same as PSI_n’s data buffer pointer register.
This buffer is used to store the data which is sent to
external auxiliary decoder. the GDC21D301A will
read the data from this buffer to send them to
external auxiliary decoder. The read pointer is used
to read data.
Auxiliary
PES_extension
data
buffer
pointer (0x728 ~ 0x72e)
Same as PSI_n’s data buffer pointer register.
This buffer is used to store the PES_extension data
of
auxiliary
packets.
Before
storing
the
PES_extension data, the GDC21D301A writes the
size of the PES_extension data + stuffing_bytes.
The read pointer is not used by the GDC21D301A.
Transport_private_data
buffer
pointer
(0x730 ~ 0x736)
Same as PSI_n’s data buffer pointer register.
This buffer is used to store transport_private_data
field. The read pointer is not used by the
GDC21D301A.
Adf_extension_data
buffer
pointer
(0x738 ~ 0x73e)
Same as PSI_n’s data buffer pointer register.
This buffer is used to store Adf_extension_data
field. The read pointer is not used by the
GDC21D301A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35