Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HSC4242 Fiches technique(PDF) 2 Page - Hi-Sincerity Mocroelectronics

No de pièce HSC4242
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HSMC [Hi-Sincerity Mocroelectronics]
Site Internet  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSC4242 Fiches technique(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HSC4242 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSC4242 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSC4242 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6739-C
Issued Date : 1994.05.18
Revised Date : 1999.08.01
Page No. : 2/3
HSMC Product Specification
Characteristics Curve
Current Gain & Collector Current
10
100
1
10
100
1000
10000
Collector Current (mA)
VCE=5V
Saturation Voltage & Collector Current
10
100
1000
1
10
100
1000
10000
Collector Current (mA)
VCE (sat) @ IC=5IB
Saturation Voltage & Collector Current
100
1000
10000
1
10
100
1000
10000
Collector Current (mA)
VBE (sat) @ IC=5IB
Capacitance & Reverse-Biased Voltage
10
100
1000
1
10
100
Reverse-Biased Voltage (V)
Cob
Safe Operating Area
0.01
0.1
1
10
100
10
100
1000
Forward Voltage-VCE (V)
PT=1ms
PT=100ms
PT=1s



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com