Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89LP51RB2 Fiches technique(PDF) 76 Page - ATMEL Corporation

No de pièce AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Fiches technique(HTML) 76 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 72Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 73Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 74Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 75Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 76Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 77Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 78Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 79Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 254 page
background image
76
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
P3.7
P3M0.7
P3M1.7
RD
P4.0
P4M0.0
P4M1.0
SCL
open-drain
P4.1
P4M0.1
P4M1.1
SDA
open-drain
P4.2
P4M0.2
P4M1.2
XTAL2B
OSCB must be disabled or in
internal oscillator or external clock
modes to use P4.2(AT89LP51IC2)
P4.4
P4M0.4
P4M1.4
ALE
Set AO in AUXR to use P4.4
P4.5
P4M0.5
P4M1.5
PSEN
P4.6
P4M0.6
P4M1.6
XTAL1A
OSCA must be set to internal RC
mode to use P4.6
P4.7
P4M0.7
P4M1.7
XTAL2A
OSCA must be set to internal RC
or external clock modes to use
P4.7
Table 12-7.
Port Pin Alternate Functions
Port Pin
Configuration Bits
Alternate
Function
Notes
PxM0.y
PxM1.y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More