Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI6C2510AL Fiches technique(PDF) 5 Page - Pericom Semiconductor Corporation

No de pièce PI6C2510AL
Description  Phase-Lock Loop Clock Driver with 10-Clock Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2510AL Fiches technique(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C2510AL Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2510AL Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2510AL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2510AL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2510AL Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PS8306C
11/13/08
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2510A
Phase-Lock Loop Clock Driver
with 10 Clock Outputs
Pericom Semiconductor Corporation • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Package Mechanical Information:
Plastic 24-pin Thin Shrink Small-Outline Package (L package).
e
d
o
C
r
e
d
r
Oe
d
o
C
e
g
a
k
c
a
Pn
o
i
t
p
i
r
c
s
e
D
e
g
a
k
c
a
P
E
L
A
0
1
5
2
C
6
I
PL
P
O
S
S
T
n
i
p
-
4
2
,
n
e
e
r
G
&
e
e
r
f
-
b
P
OrderingInformation
.303
.311
.047
1.20
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.252
BSC
1
24
.169
.177
0.05
0.15
6.4
0.45
0.75
0.09
0.20
4.3
4.5
7.7
7.9
0.65
0.19
0.30
.007
.012
Max
DESCRIPTION: 24-Pin, 173-Mil Wide, TSSOP
PACKAGE CODE: L
DOCUMENT CONTROL NO.
PD - 1312
REVISION: E
DATE: 03/09/05
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
Note:
1.
Package Outline Exclusive of Mold Flash and Metal Burr
2.
Controlling dimentions in millimeters
3.
Ref: JEDEC MO-153F/AD
Notes:
1.
Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2.
Number of transistors = TBD
3.
E = Pb-free and Green
08-0298



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com