Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89LS53 Fiches technique(PDF) 2 Page - ATMEL Corporation

No de pièce AT89LS53
Description  Microcontrollers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53 Fiches technique(HTML) 2 Page - ATMEL Corporation

  AT89LS53_14 Datasheet HTML 1Page - ATMEL Corporation AT89LS53_14 Datasheet HTML 2Page - ATMEL Corporation AT89LS53_14 Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Errata Sheet
2
ISP Line Driving Contention
The Atmel AT89S microcontrollers use three SPI lines to
implement in-system programming (ISP). When the ISP
programmer asserts the RESET line, the target AT89S
microcontroller is supposed to tri-state all I/O pins including
the SPI lines and then wait for commands from the pro-
grammer. Experiments using AT89S devices have shown
that if the user code writes to any of the ISP I/O pins
(MOSI, MISO, SCK) within approximately 500 ms of the
user code coming out of RESET condition, any subsequent
serial programming operation fails. The problem is then
that the only way to re-program the device successfully is
to physically remove it from the target board and erase it in
a parallel programmer.
The Solution
Make sure that the user code does not access any of the
ISP I/O pins within 500 ms of coming out of RESET
condition.



Html Pages

1 2 3