Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT45DB021B Fiches technique(PDF) 19 Page - ATMEL Corporation

No de pièce AT45DB021B
Description  Serial Peripheral Interface (SPI) Compatible
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021B Fiches technique(HTML) 19 Page - ATMEL Corporation

Back Button AT45DB021B_14 Datasheet HTML 15Page - ATMEL Corporation AT45DB021B_14 Datasheet HTML 16Page - ATMEL Corporation AT45DB021B_14 Datasheet HTML 17Page - ATMEL Corporation AT45DB021B_14 Datasheet HTML 18Page - ATMEL Corporation AT45DB021B_14 Datasheet HTML 19Page - ATMEL Corporation AT45DB021B_14 Datasheet HTML 20Page - ATMEL Corporation AT45DB021B_14 Datasheet HTML 21Page - ATMEL Corporation AT45DB021B_14 Datasheet HTML 22Page - ATMEL Corporation AT45DB021B_14 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
1937J–DFLSH–9/05
AT45DB021B
12. Detailed Bit-level Read Timing – Inactive Clock Polarity Low
12.1
Continuous Array Read (Opcode: 68H)
12.2
Main Memory Page Read (Opcode: 52H)
SI
0
1X
X
CS
SO
SCK
12
63
64
65
66
67
68
HIGH-IMPEDANCE
D7
D6
D5
D2
D1
D0
D7
D6
D5
DATA OUT
BIT 0
OF
PAGE n+1
BIT 2111
OF
PAGE n
LSB
MSB
tSU
tV
SI
0
1
0
10
XX
X
CS
SO
SCK
12345
60
61
62
63
64
65
66
67
XX
HIGH-IMPEDANCE
D7
D6
D5
DATA OUT
COMMAND OPCODE
MSB
tSU
tV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32