| Moteur de recherche de fiches techniques de composants électroniques |
|
AFK0618SS Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AFK0618SS Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 4 page ![]() Spec-00484 J Mounting Accessories Mounting Kits EQUIPMENT PROTECTION SUBJECT TO CHANGE WITHOUT NOTICE Accessories 3 FLoor stAnd kit industrY stAndArds Product maintains UL/CSA Type 4, 4X (stainless steel only) and Type 12 when properly installed on Hoffman Type 4 or Type 12 enclosures. APPLicAtion Kits are easily installed on most wall-mount Hoffman enclosures. Can also be used to elevate Hoffman free-stand enclosures. To install, drill holes in the bottom of the enclosure and bolt the floor stands to the enclosure.It is not necessary to remove the wall- mount brackets from the enclosure. sPeciFicAtions 12 gauge steel floor stand has an ANSI 61 gray polyester powder finish over pretreated surfaces. Stainless steel floor stand is available in Type 316 and Type 304. coMPonents Each kit includes two stands. Two sets of floor stands are recommended for enclosures larger than double door free-stand enclosures. ordering Special heights, depths, materials and finishes can be provided on custom order. Consult factory for information. Bulletin: A4SY, A80 Catalog Number Material Height, H (in.) Height, H (mm) Width, C (in.) Width, C (mm) L (in.) L (mm) AFK0608 Steel 6.00 152 8.06 205 7.06 179 AFK0610 Steel 6.00 152 10.06 256 7.06 179 AFK0612 Steel 6.00 152 12.06 306 7.06 179 AFK0618 Steel 6.00 152 18.06 459 7.06 179 AFK1208 Steel 12.00 305 8.06 205 8.12 206 AFK1210 Steel 12.00 305 10.06 256 8.12 206 AFK1212 Steel 12.00 305 12.06 306 8.12 206 AFK1216 Steel 12.00 305 16.06 408 8.12 206 AFK1218 Steel 12.00 305 18.13 461 8.12 206 AFK1220 Steel 12.00 305 20.06 510 8.12 206 AFK1808 Steel 18.00 457 8.06 205 9.17 233 AFK1810 Steel 18.00 457 10.06 256 9.17 233 AFK1812 Steel 18.00 457 12.06 306 9.17 233 AFK1816 Steel 18.00 457 16.06 408 9.17 233 AFK2408 Steel 24.00 610 8.06 205 10.23 260 AFK2410 Steel 24.00 610 10.06 256 10.23 260 AFK2412 Steel 24.00 610 12.06 306 10.23 260 AFK2416 Steel 24.00 610 16.06 408 10.23 260 AFK0608SS Stainless Steel, 304 6.00 152 8.06 205 9.09 231 AFK0610SS Stainless Steel, 304 6.00 152 10.06 256 9.09 231 AFK0612SS Stainless Steel, 304 6.00 152 12.06 306 9.09 231 AFK0618SS Stainless Steel, 304 6.00 152 18.06 459 9.09 231 AFK0624SS Stainless Steel, 304 6.00 152 24.06 611 9.09 231 AFK1208SS Stainless Steel, 304 12.00 305 8.06 205 9.09 231 AFK1210SS Stainless Steel, 304 12.00 305 10.06 256 9.09 231 AFK1212SS Stainless Steel, 304 12.00 305 12.06 306 9.09 231 AFK1216SS Stainless Steel, 304 12.00 305 16.06 408 9.09 231 AFK1218SS Stainless Steel, 304 12.00 305 18.06 459 9.09 231 AFK1224SS Stainless Steel, 304 12.00 305 24.06 611 9.09 231 AFK1808SS Stainless Steel, 304 18.00 457 8.06 205 9.09 231 AFK1810SS Stainless Steel, 304 18.00 457 10.06 256 9.09 231 AFK1812SS Stainless Steel, 304 18.00 457 12.06 306 9.09 231 AFK1816SS Stainless Steel, 304 18.00 457 16.06 408 9.09 231 AFK1818SS Stainless Steel, 304 18.00 457 18.06 459 9.09 231 AFK1824SS Stainless Steel, 304 18.00 457 24.06 611 9.09 231 AFK2408SS Stainless Steel, 304 24.00 610 8.06 205 9.09 231 AFK2410SS Stainless Steel, 304 24.00 610 10.06 256 9.09 231 AFK2412SS Stainless Steel, 304 24.00 610 12.06 306 9.09 231 |