| Moteur de recherche de fiches techniques de composants électroniques |
|
AFK0612SS Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AFK0612SS Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 4 page ![]() Spec-00484 J Mounting Accessories Mounting Kits PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM EQUIPMENT PROTECTION Accessories 2 BottoM suPPort kit Bolt-in bottom support plate with mountng hardware. Coated with ANSI 61 gray polyester powder paint. Required when installing Hoffman floor stands or casters on A17 fiberglass free-standing enclosures. Bulletin: A17Y Catalog Number Use With A17SUPPORT1 A17 One-Door Fiberglass Enclosures A17SUPPORT2 A17 Two-Door Fiberglass Enclosures unistrut Mounting kit Bolt-in internal unistrut channel (8 pieces) with mounting hardware. Required to install Hoffman unistrut-mounted free-stand panels and accessories in two-door A17 fiberglass enclosures. Hoffman A17SUPPORT2 plate must also be installed to secure unistrut. Bulletin: A17Y Catalog Number Use With A17UNISTRUT A17 Two-Door Fiberglass Enclosures encLosure stABiLizers Helps prevent injury to workers by stabilizing floor-mount enclosures which are not bolted down. To install, slip the stabilizer under the floor stand and tighten two thumb screws. Made from .19- in. (5-mm) steel plate. Bright orange finish. Bulletin: A80 Catalog Number Description AENST Two stabilizers |