Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V2DIP2-64 Fiches technique(PDF) 9 Page - Future Technology Devices International Ltd.

No de pièce V2DIP2-64
Description  VINCULUM BINDING USB TECHNOLOGIES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FTDI [Future Technology Devices International Ltd.]
Site Internet  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-64 Fiches technique(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button V2DIP2-64 Datasheet HTML 5Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 6Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 7Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 9Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 10Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 11Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 12Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
8
Document Reference No.: FT_000166
V2DIP2-64 VNCL2-64Q Development Module Datasheet Version 1.01
Clearance No.: FTDI# 155
3.3 Default Interface I/O Pin Configuration
The VNC2-64Q device is delivered without any firmware pre-loaded. As such the IOMUX will provide a
default pinout as shown in Table 3.2
Pin
No.
Pin
Name
on PCB
Type
Data and Control Bus Configuration
Options
UART
Interface
SPI Slave
Interface
SPI
Master
Interface
Parallel
FIFO
Interface
Debugger
Interface
J2-18
IO0
I/O
NA
NA
NA
NA
Debug_if
J2-28
IO20
I/O
uart_txd
NA
NA
NA
NA
J2-27
IO21
I/O
uart_rxd
NA
NA
NA
NA
J2-26
IO22
I/O
uart_rts#
NA
NA
NA
NA
J2-24
IO23
I/O
uart_cts#
NA
NA
NA
NA
J2-23
IO24
I/O
uart_dtr#
NA
NA
NA
NA
J2-22
IO25
I/O
uart_dsr#
NA
NA
NA
NA
J1-1
IO26
I/O
uart_dcd#
NA
NA
NA
NA
J1-2
IO27
I/O
uart_ri#
NA
NA
NA
NA
J1-3
IO28
I/O
uart_tx_active
NA
NA
NA
NA
J1-7
IO32
I/O
NA
spi_s0_clk
NA
NA
NA
J1-8
IO33
I/O
NA
spi_s0_mosi
NA
NA
NA
J1-9
IO34
I/O
NA
spi_s0_miso
NA
NA
NA
J2-9
IO35
I/O
NA
spi_s0_cs#
NA
NA
NA
J2-8
IO36
I/O
NA
spi_s1_clk
NA
NA
NA
J2-7
IO37
I/O
NA
spi_s1_mosi
NA
NA
NA
J2-6
IO38
I/O
NA
spi_s1_miso
NA
NA
NA
J2-5
IO39
I/O
NA
spi_s1_cs#
NA
NA
NA
J2-4
IO40
I/O
NA
NA
spi_m_clk
NA
NA
J2-3
IO41
I/O
NA
NA
spi_m_mosi
NA
NA
J2-2
IO42
I/O
NA
NA
spi_m_miso
NA
NA
J2-1
IO43
I/O
NA
NA
spi_m_cs#
NA
NA
J2-14
IO4
I/O
NA
NA
NA
fifo_data[0]
NA
J1-14
IO5
I/O
NA
NA
NA
fifo_data[1]
NA
J1-15
IO6
I/O
NA
NA
NA
fifo_data[2]
NA
Table 3.2 - Default Interface I/O Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24