| Moteur de recherche de fiches techniques de composants électroniques |
|
KSC341J Fiches technique(PDF) 2 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
KSC341J Fiches technique(HTML) 2 Page - C&K Components |
|
2 / 6 page ![]() B–36 Dimensions are shown: mm (inches) Specifications and dimensions subject to change www.ck-components.com B 9 Apr 14 +0,3 6,2 0 ø 2 4˚ max R0,2 smooth surface +0,3 6,2 0 2, +0,3 6,2 0 ø 2,8 +0,3 6,2 0 ø 4,7 ø 2,9 ACTUATOR KSC4 SOFT, 5,2 mm HIGH KSC7 SOFT, 4,3 mm HIGH, BLUE ACTUATOR KSC1 WITHOUT, 2.5 mm HIGH KSC Series Sealed Tact Switch for SMT KSC2 SOFT, 3,5 mm HIGH KSC3 HARD, 3,5 mm HIGH +0,3 6,2 0 ø 2,9 KSC6 HARD, 7,7 mm HIGH NOTE: Soft material available are silicon 50 SH / 70 SH and EPDM, please refer to KSC-ST datasheet. +0,3 6,2 0 ø 3 KSC8 HARD, 4,9 mm HIGH ø 2,96 ø 4,7 +0,3 6,2 0 |