Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99H01 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce L99H01
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button L99H01 Datasheet HTML 35Page - STMicroelectronics L99H01 Datasheet HTML 36Page - STMicroelectronics L99H01 Datasheet HTML 37Page - STMicroelectronics L99H01 Datasheet HTML 38Page - STMicroelectronics L99H01 Datasheet HTML 39Page - STMicroelectronics L99H01 Datasheet HTML 40Page - STMicroelectronics L99H01 Datasheet HTML 41Page - STMicroelectronics L99H01 Datasheet HTML 42Page - STMicroelectronics L99H01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
DocID15567 Rev 6
39/53
L99H01
Functional description of the SPI
52
Comments:
RWD: Restarts the watchdog counter
COPT[2:0]: Filter time to protect the two external halfbridges against cross current.
FW: Selects high-side or low-side free wheeling
MCSA: Multiplexer for current sense amplifier.
GCSA[1:0]: Gain of the current sense amplifier.
Table 36. Address 2 <02(hex)>: ApplReg2 – read/write
Bit
7
654
3
2
10
Name
RWD
COPT_2
COPT_1
COPT_0
FW
MCSA
GCSA_1
GCSA_0
<default>
0
0
0
0
0
0
0
0
Table 37. Cross current protection time (tCCP)
COPT_2
COPT_1
COPT_0
Protection time
0
0
0
250 ns
0
0
1
500 ns
0
1
0
750 ns
0
1
1
1000 ns
1
0
0
1250 ns
1
0
1
1500 ns
1
1
0
1750 ns
1
1
1
2000 ns
Table 38. Multiplexer for current sense amplifier
MCSA
Selected amplifier
0
CSA2 (CSI2+ / CSI2-)
1
CSA1 (CSI1+ / CSI1-)
Table 39. Gain of current sense amplifier
GCSA_1
GCSA_0
Gain
00
10
01
20
10
50
1
1
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53