Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

90E23 Fiches technique(PDF) 8 Page - ATMEL Corporation

No de pièce 90E23
Description  Single-Phase High-Performance
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

90E23 Fiches technique(HTML) 8 Page - ATMEL Corporation

Back Button 90E23_14 Datasheet HTML 4Page - ATMEL Corporation 90E23_14 Datasheet HTML 5Page - ATMEL Corporation 90E23_14 Datasheet HTML 6Page - ATMEL Corporation 90E23_14 Datasheet HTML 7Page - ATMEL Corporation 90E23_14 Datasheet HTML 8Page - ATMEL Corporation 90E23_14 Datasheet HTML 9Page - ATMEL Corporation 90E23_14 Datasheet HTML 10Page - ATMEL Corporation 90E23_14 Datasheet HTML 11Page - ATMEL Corporation 90E23_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Block Diagram
8
April 2, 2013
Figure-3 90E23 Block Diagram
Figure-4 90E24 Block Diagram
Reference Voltage
Power On Reset
Crystal Oscillator
3-wire or 4-wire SPI
Vref
I1P
I1N
VP
VN
L Line Forward/Reverse Active Power
L Line Apparent Power
L Line Irms
Vrms
I2P
I2N
MMD1
MMD0
CS SCLK SDO SDI
OSCI
OSCO
RESET
∑△
ADC
∑△
ADC
HPF1
HPF0
DSP Module
PGA
X1/X4/X8/
X16/X24
PGA
X1
∑△
ADC
PGA
X1/X2/X4
Active Energy
Pulse Output
CF1
HPF1
HPF0
HPF1
HPF0
N Line Forward/Reverse Active Power
N Line Apparent Power
N Line Irms
Power Factor/
Angle/Frequency
WarnOut/IRQ/ZX
ZX
IRQ
WarnOut
Reference Voltage
Power On Reset
Crystal Oscillator
3-wire or 4-wire SPI
Vref
I1P
I1N
VP
VN
L Line Forward/Reverse Active/
Reactive Power
L Line Apparent Power
L Line Irms
Vrms
I2P
I2N
MMD1
MMD0
CS SCLK SDO SDI
OSCI
OSCO
RESET
∑△
ADC
∑△
ADC
HPF1
HPF0
DSP Module
PGA
X1/X4/X8/
X16/X24
PGA
X1
∑△
ADC
PGA
X1/X2/X4
Active
Energy Pulse
Output
Reactive
Energy Pulse
Output
CF1
CF2
HPF1
HPF0
HPF1
HPF0
N Line Forward/Reverse Active/
Reactive Power
N Line Apparent Power
N Line Irms
Power Factor/
Angle/Frequency
WarnOut/IRQ/ZX
ZX
IRQ
WarnOut



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com