Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSA3821 Fiches technique(PDF) 4 Page - Agilent(Hewlett-Packard)

No de pièce LSA3821
Description  Analog Coaxial Pigtailed Laser Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSA3821 Fiches technique(HTML) 4 Page - Agilent(Hewlett-Packard)

  LSA3821 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
529
H
N
I
L
M
F
K
G
P – PIN DIAMETER
R
J
Q
B
CO
A
D
OTHER FLANGE OPTIONS ARE AVAILABLE.
MIN.
TYP.
MAX.
11.8
2.4
12.5
7.4
17.0
3.7
12.2
2.6
12.9
A
B
C
D
E
F
MIN.
TYP.
12.0
2.1
5.3
2.0
1000
G
H
I
J
K
L
DIM.
DIM.
MIN.
TYP.
MAX.
0.4
0.9
5.3
2.0
0.5
1.25
0.5
M
N
O
P
Q
R
DIM.
E
Example of LSA2825-T – All dimensions in mm.
FUNCTION
MONITOR ANODE (-VE)
MONITOR CATHODE (+VE)
LASER CATHODE (-VE)
LASER ANODE (+VE)
1
2
3
4
PIN
41
32
CASE
LST2825
PINOUT



Html Pages

1 2 3 4 5 6