| Moteur de recherche de fiches techniques de composants électroniques |
|
PCB-3-R Fiches technique(PDF) 1 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
PCB-3-R Fiches technique(HTML) 1 Page - Cooper Bussmann, Inc. |
|
1 / 2 page ![]() Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series 0810 BU-SB10809 Page 1 of 2 Data Sheet 2034 Radial Leaded Device Description • Radial leaded, fast-acting thru-hole fuse • Ideal for high voltage DC applications • Board washable • Optional mounting socket available (PCS) • Available in different lead configurations Specifications Lead AC Voltage AC DC Voltage DC Interrupting Catalog Number Length Rating Interrupting Rating Min. Max. PCB-1/2, 3/4,1,1-1/2,2,2-1/2 Full - 0.750" (straight) 250V 50A@250V - 10kA@125V 450V 300 5900A PCB-3 Full - 0.750" (straight) 250V 50A@250V 350V 300 4400A PCB-4 Full - 0.750” (straight) - - 400V 300 2500A PCC-1/2, 3/4,1,1-1/2,2,2-1/2 Short 0.100" (straight) 250V 50A@250V - 10kA@125V 450V 300 5900A PCC-3 Short 0.100" (straight) 250V 50A@250V - 10kA@125V 350V 300 4400A PCD-5 Full - 0.750" (straight) 125V 10kA@125V 250V 300 4200A PCE-5 Short 0.100" (straight) 125V 10kA@125V 250V 300 4200A PCF-1/2, 3/4,1,1-1/2,2,2-1/2 0.475" 250V 50A@250V - 10kA@125V 450V 300 5900A PCF-3 0.475" 250V 50A@250V - 10kA@125V 350V 300 4400A PCG-5 0.475" 125V 10kA@125V 250V 300 4200A PCH-1/2, 3/4,1,1-1/2,2,2-1/2 0.125" 250V 50A@250V - 10kA@125V 450V 300 5900A PCH-3 0.125" 250V 50A@250V - 10kA@125V 350V 300 4400A PCH-4 0.125" - - 400V 300 2500A PCI-5 0.125" 125V 10kA@125V 250V 300 4200A Agency Information • UL Recognized: E19180 • CSA: 42731 AC Time-Current Characteristics % of Amp Rating Opening Time 100% 4 hours minimum 200% 10 second maximum Device designed to carry rated current for four hours minimum. An operating current of 80% or less of rated current is recommended, with further derating required at elevated ambient temperatures. 0.200" (5.08mm) 0.300" (7.62mm) 0.095" (2.41mm) 0.030" (2.41mm) 0.12" 0.010" (3.05mm 0.25mm) 0.290" (7.37mm) Part Number System/Ordering - An Option Code Must Be Selected • Specify packaging code prefix, product and option code suffix BK PCB- 1/2 -R Packaging Code Prefix Fuse Series Amp Rating Option Code Suffix DC Application The PC-Tron subminiature fuse is UL Recognized for DC supplementary overcurrent protection to provide individual protection for components or internal circuits in equipment. Suitability for a specific application is dependent on time constants and capacitance values. It is the responsibility of the customer to evaluate the information provided for applicability to their particular application. PCS Mounting Socket (RoHS compliant) • Available as option. Specify catalog number BK/PCS (100 in a polybag) and short fuse lead length — PCC or PCE |
Numéro de pièce similaire - PCB-3-R |
|
Description similaire - PCB-3-R |