Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NX8563LB Fiches technique(PDF) 5 Page - NEC

No de pièce NX8563LB
Description  1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

NX8563LB Fiches technique(HTML) 5 Page - NEC

  NX8563LB Datasheet HTML 1Page - NEC NX8563LB Datasheet HTML 2Page - NEC NX8563LB Datasheet HTML 3Page - NEC NX8563LB Datasheet HTML 4Page - NEC NX8563LB Datasheet HTML 5Page - NEC NX8563LB Datasheet HTML 6Page - NEC NX8563LB Datasheet HTML 7Page - NEC NX8563LB Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet P14127EJ2V0DS00
5
NX7460LE
LD FAMILY FOR DENSE WDM APPLICATION
Absolute Maximum Ratings
Typical Characteristics
Part Number
TC
(
°C)
Tstg
(
°C)
Ith
(mA)
Pf
(mW)
λC
(nm)
Description
Package
TYP.
MIN.
TYP.
NDL7540PA
−20 to +65
−40 to +85
40
90
1 480
1 480 nm pump LD
module
BFY
NX7460LE
0 to +65
−40 to +85
25
120
1 480
1 480 nm pump LD
module
BFY
NX8501 Series
0 to +65
−40 to +85
20
2
1 510
Telemetry
Coaxial
NX8561JD
*1
0 to +65
−40 to +85
20
3
1 510
Telemetry
DIP
NX7660JC
*1
−20 to +65
−40 to +85
15
5
1 625
Telemetry
DIP
NDL7910P
−20 to +70
−40 to +85
7
0.5
1 550
*2
2.5 G EA modulator
integrated module
BFY
NX8562LB
−20 to +65
−40 to +85
20
20
1 550
*2
1 550 CW LD module
BFY
NX8563LB
−20 to +65
−40 to +85
20
10
ITU-T
*3
1 550 CW LD module
BFY
*1 Under development
*2 Wavelength selectable for ITU-T standards upon request
*3 Wavelength selectable for ITU-T standards



Html Pages

1 2 3 4 5 6 7 8