| Moteur de recherche de fiches techniques de composants électroniques |
|
SJS840310 Fiches technique(PDF) 3 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
SJS840310 Fiches technique(HTML) 3 Page - Amphenol Corporation |
|
3 / 9 page ![]() Whether lighting an aircraft cabin or a personnel carrier, a Luminus connector excels in high-vibration harsh environments that would shake another connector to its core. Based on Amphenol PCD’s exceptional military-grade connectors, Luminus combines industry-leading reliability, ease-of-use, light weight and environmental standards into a package that meets today’s most demanding lighting requirements. Luminus is a compact, configurable interconnect with an easy, secure coupling mechanism and tough polyamide housing. Luminus is ideal for today’s sophisticated commercial, military and industrial vehicle interior environments in which full-spectrum, adjustable, and LED lighting creates a more comfortable or productive atmosphere. Yet the rugged Luminus connector equally withstands the punishment of vehicle exterior and emergency lighting. Its small footprint and aircraft-grade cable-mount accessories allow for fast, efficient assembly, while standard MIL-C-39029 contacts are used for additional benefit. |