Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD2941-10 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce SD2941-10
Description  HF/VHF/UHF RF power N-channel MOSFETs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2941-10 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button SD2941-10 Datasheet HTML 9Page - STMicroelectronics SD2941-10 Datasheet HTML 10Page - STMicroelectronics SD2941-10 Datasheet HTML 11Page - STMicroelectronics SD2941-10 Datasheet HTML 12Page - STMicroelectronics SD2941-10 Datasheet HTML 13Page - STMicroelectronics SD2941-10 Datasheet HTML 14Page - STMicroelectronics SD2941-10 Datasheet HTML 15Page - STMicroelectronics SD2941-10 Datasheet HTML 16Page - STMicroelectronics SD2941-10 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DocID11815 Rev 5
13/17
SD2941-10
Mechanical data
17
6
Mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 10. M174 (.500 DIA 4/L N/HERM W/FLG)
DIM.
mm.
inch
min.
typ.
max
min.
typ.
max
A
5.56
5.584
0.219
0.230
B
3.18
0.125
C
6.22
6.48
0.245
0.255
D
18.28
18.54
0.720
0.730
E
3.18
0.125
F
24.64
24.89
0.970
0.980
G
12.57
12.83
0.495
0.505
H
0.08
0.18
0.003
0.007
I
2.11
3.00
0.083
0.118
J
3.81
4.45
0.150
0.175
K
7.11
0.280
L
25.53
26.67
1.005
1.050
M
3.05
3.30
0.120
0.130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17