| Moteur de recherche de fiches techniques de composants électroniques |
|
HT604 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT604 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 9 page ![]() Selection Table Function Address No. Data VT Oscillator Trigger Package Part No. No. Type HT604L 10 4 L Ö RC oscillator DIN active ²Hi² 20 DIP/SOP HT614 10 4 M Ö RC oscillator DIN active ²Hi² 20 DIP/SOP HT692 10 2 M Ö RC oscillator DIN active ²Hi² 18 DIP Note: Data type: M stands for momentary type data output. L stands for latch type data output. VT can be used as a momentary data output. Block Diagram Note: The address/data pins are available in various combinations (refer to the address/data table). HT604L/614/692 2 April 24, 2000 D a t a S h i f t R egi s t e r O s c i l l at or B u ffe r S y nc . D e t e c t or D i v i der C o m p ar at or C o m p ar at or Bu f f e r T r a n sm i ssi o n G a t e C i r cu i t D a ta D e t e c to r C ont r o l Logi c OS C 1 OS C 2 DI N VD D V S S VT Da t a L a t ch C i r cu i t A ddr es s |