| Moteur de recherche de fiches techniques de composants électroniques |
|
HT692 Fiches technique(PDF) 6 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT692 Fiches technique(HTML) 6 Page - Holtek Semiconductor Inc |
|
6 / 9 page ![]() Decoder timing Encoder/Decoder selection tables · Latch type of data output Part No. Data Pins Address Pins VT Pair Encoder Package Encoder Decoder DIP SOP SKDIP DIP SOP SKDIP HT604L 4 10 Ö HT600 20 20 ¾ 20 20 ¾ HT6207 20 ¾ · Momentary type of data output Part No. Data Pins Address Pins VT Pair Encoder Package Encoder Decoder DIP SOP SKDIP DIP SOP SKDIP HT692 2 10 Ö HT680 18 ¾¾ 18 ¾¾ HT614 4 10 Ö HT600 20 20 ¾ 20 20 ¾ HT6207 20 ¾ HT604L/614/692 6 April 24, 2000 2 c l o c k s 14 3 w o r d s 3 w o r d s E n c oder Da t a O u t T r ans m i t t e d C ont i nuo us l y < 1 w o r d E n c oder T r ans m i s s i on E nabl e c hec k D e c oder V T Lat c h ed Da t a O u t M o m ent ar y Da t a O u t c hec k 1/ 2 c l o c k per i o d 1/ 2 c l o c k per i o d 2 w or ds 2 c l o c k s 14 |