Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT600 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc

No de pièce HT600
Description  318 Series of Encoders
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT600 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc

  HT600 Datasheet HTML 1Page - Holtek Semiconductor Inc HT600 Datasheet HTML 2Page - Holtek Semiconductor Inc HT600 Datasheet HTML 3Page - Holtek Semiconductor Inc HT600 Datasheet HTML 4Page - Holtek Semiconductor Inc HT600 Datasheet HTML 5Page - Holtek Semiconductor Inc HT600 Datasheet HTML 6Page - Holtek Semiconductor Inc HT600 Datasheet HTML 7Page - Holtek Semiconductor Inc HT600 Datasheet HTML 8Page - Holtek Semiconductor Inc HT600 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Block Diagram
TE trigger
HT600/HT680
DATA trigger
HT6207
Note: The address/data pins are available in various combinations.
HT600/680/6207
2
April 24, 2000
O s c i l l at or
¸ 33 D i v i der
OS C 1
OS C 2
VD D
V S S
18
T r ans m i s s i on
G a t e C ir c u it
¸ 18 C o u n t e r
& 1 of 1 8
D e c oder
T r i nar y
De t e c t o r
A0
A9
AD 1 7
DO UT
D a t a S el ec t
& B u f f e r
Sy n c .
Ci r c u i t
TE
AD 1 0
O s c i l l at or
¸ 33 D i v i der
OS C 1
OS C 2
VD D
V S S
18
T r ans m i s s i on
G a t e C ir c u it
¸ 18 C o u n t e r
& 1 of 1 8
D e c oder
T r i nar y
De t e c t o r
DO UT
D a t a S el ec t
& B u f f e r
Sy n c .
Ci r c u i t
LE D C i r c ui t
LE D
A0
A1 1
D1 7
D1 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11