Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT24LC01 Fiches technique(PDF) 7 Page - Holtek Semiconductor Inc

No de pièce HT24LC01
Description  1K/2K 2-Wire CMOS Serial EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC01 Fiches technique(HTML) 7 Page - Holtek Semiconductor Inc

  HT24LC01 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Timing Diagrams
Note:
The write cycle time tWR is the time from a valid stop condition of a write sequence to the end
of the valid start condition of sequential command.
• Sequential read
Sequential reads are initiated by either a cur-
rent address read or a random address read.
After the microcontroller receives a data word,
it responds with an acknowledgment. As long as
the EEPROM receives an acknowledgment, it
will continue to increment the data word ad-
dress and serially clock out sequential data
words. When the memory address limit is
reached, the data word address will roll over
and the sequential read continues. The se-
quential read operation is terminated when
the microcontroller does not respond with a
zero but generates a following stop condition.
HT24LC01/02
7
6th May ’99



Html Pages

1 2 3 4 5 6 7 8