Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC4A-R161 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce FC4A-R161
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R161 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  FC4A-R161 Datasheet HTML 1Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 5Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
MicroSmart Series
10
Programmable Logic Controllers
Digital I/O Expansion Modules
Features:
15 modules to choose from
Available with Screw or MIL connectors
Easy snap-on
Available 8, 16 or 32 point modules
Up to 512 I/O can be configured in the Pentra and 264 I/O in the
MicroSmart system
Input Modules
•
•
•
•
•
Appearance
Part Number
Input
Input Points
Terminal
FC4A-N08A11
100-120V AC
8
Removable Screw Terminals
FC4A-N08B1
24V DC
FC4A-N16B1
16
FC4A-N16B3
MIL Connector (ribbon cable)
FC4A-N32B3
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29