Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC4A-R081 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce FC4A-R081
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R081 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FC4A-R081 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 5Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 9Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 10Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 11Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
MicroSmart Series
15
Programmable Logic Controllers
Communication Modules
Web Server Module
Features:
Easy to configure
Comes with interface cable and Quick Start Guide
Part Numbers
Appearance
Part Number
Description
FC4A-ENET
Web Server
Module (includes
cable and Quick
Start Guide)
Quick Start Guide
Web Server Module for MicroSmart PLC
FC9Y-QS100-0
Quick Start Guide
•
•
Remote Maintenance
Easily monitor machine conditions, change machine configurations, or upload
and download user programs from anywhere, using IDEC WindLDR software
over an Ethernet network.
For a more graphical display and remote data archiving, OPC servers, such as
IDEC WindSRV or standard SCADA software, can be used.
Save time and money:
-Access system parameters from your desk, conference room or home to check
machine status without walking the factory floor.
-If a machine is down, you no longer need to send someone with their laptop to
debug or download a new user program.
Ethernet
•
•
•
Web Server Functions
Machine status can be monitored and controlled from any PC using stan-
dard internet browsers, such as Internet Explorer.
A built-in custom template, which allows you to monitor and change
system parameters, is included.
Get more flexibility and control by creating your own custom webpage.
•
•
•
Alarm Messaging
Real-time updates of error status or process conditions can
be sent to an email address or cellular phone.
A maximum of 32 customizable messages can be pre-
defined with up to two email addresses each.
•
O/I Connectivity
Using the IDEC Web Server Module on an Ethernet network, an IDEC PLC can be
configured as a host to an IDEC operator interface. This allows the touchscreen
and PLC to be in separate locations.
No longer hassle with specialized cables and serial connection limitations.
Ethernet
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29