Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT1608L Fiches technique(PDF) 4 Page - Holtek Semiconductor Inc

No de pièce HT1608L
Description  2x 20 Channel LCD Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1608L Fiches technique(HTML) 4 Page - Holtek Semiconductor Inc

  HT1608L Datasheet HTML 1Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 2Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 3Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 4Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 5Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 6Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 7Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 8Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Pad Coordinates
Unit: mil
Pad No.
X
Y
Pad No.
X
Y
1
–44.54
51.94
31
44.12
–51.38
2
–44.54
45.86
32
44.12
–42.97
3
–44.54
39.78
33
44.12
–36.93
4
–44.54
33.70
34
42.33
–29.62
5
–44.54
27.63
35
44.12
–22.31
6
–44.54
21.55
36
44.12
–16.28
7
–44.54
15.47
37
44.12
–10.67
8
–44.54
9.39
38
44.12
–4.63
9
–44.54
3.32
39
44.12
0.98
10
–44.54
–2.76
40
44.12
7.01
11
–44.54
–8.84
41
44.12
12.62
12
–44.54
–14.92
42
44.12
18.66
13
–44.54
–21.00
43
44.12
24.31
14
–44.54
–27.07
44
44.12
29.83
15
–44.54
–33.15
45
44.12
35.36
16
–44.54
–39.23
46
44.12
40.88
17
–44.54
–45.31
47
44.12
46.41
18
–44.54
–51.38
48
44.12
51.94
19
–36.55
–51.38
49
31.28
51.94
20
–29.92
–51.38
50
24.74
51.94
21
–23.29
–51.38
51
18.19
51.94
22
–16.66
–51.38
52
11.65
51.94
23
–10.03
–51.38
53
5.10
51.94
24
–3.40
–51.38
54
–1.45
51.94
25
3.23
–51.38
55
–7.99
51.94
26
9.86
–51.38
56
–14.53
51.94
27
16.49
–51.38
57
–21.08
51.94
28
23.12
–51.38
58
–27.63
51.94
29
29.75
–51.38
59
–34.17
51.94
30
36.38
–51.38
Pad Description
Pad No.
Pad Name I/O
Description
1~9
Y28~Y20
O
LCD driver outputs for channel 2
10~23
Y19~Y6
O
LCD driver outputs for channel 1
24
VDD
—
Power supply ( positive )
25~30
Y5~Y0
O
LCD driver outputs for channel 1
31
VEE
I
LCD power supply
32
CLK1
I
Latch signal for channel 1 on the falling edge
CLK1 is used for channel 2 when MODE is set to VSS (Note 1 )
HT1608L
4
27th Aug ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12