| Moteur de recherche de fiches techniques de composants électroniques |
|
HT12D Fiches technique(PDF) 6 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT12D Fiches technique(HTML) 6 Page - Holtek Semiconductor Inc |
|
6 / 9 page ![]() Decoder timing Encoder/Decoder cross reference table Decoders Part No. Data Pins Address Pins VT Pair Encoder Package Encoder Decoder DIP SOP DIP SOP HT12D 4 8 Ö HT12A 18 20 18 20 HT12E 18 20 HT12F 0 12 Ö HT12A 18 20 18 20 HT12E 18 20 Address/Data sequence The following table provides address/data sequence for various models of the 2 12 series of decoders. A correct device should be chosen according to the requirements of the individual addresses and data. Part No. Address/Data Bits 0 1 2 3 4 5 6 7 8 9 10 11 HT12D A0 A1 A2 A3 A4 A5 A6 A7 D8 D9 D10 D11 HT12F A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 212 Series of Decoders 6 July 12, 1999 2 c l o c k s 14 c hec k 4 w o r d s 4 w o r d s E n c oder DO UT T r ans m i t t e d C ont i nuo us l y < 1 w o r d E n c oder T r ans m i s s i on E nabl e c hec k D e c oder V T Lat c h ed Da t a O u t 2 c l o cks 14 |