| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8562 Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8562 Fiches technique(HTML) 2 Page - NXP Semiconductors |
|
2 / 44 page ![]() PCF8562 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 16 June 2011 2 of 43 NXP Semiconductors PCF8562 Universal LCD driver for low multiplex rates 3. Ordering information [1] Not to be used for new designs. Replacement part is PCF85162T/1 for industrial applications. [2] Not to be used for new designs. Replacement part is PCA85162T/Q900/1 for automotive applications. 4. Marking Table 1. Ordering information Type number Package Name Description Version PCF8562TT/2[1] TSSOP48 plastic thin shrink small outline package; 48 leads; body width 6.1 mm SOT362-1 PCF8562TT/S400/2[2] TSSOP48 plastic thin shrink small outline package; 48 leads; body width 6.1 mm SOT362-1 Table 2. Marking codes Type number Marking code PCF8562TT/2 PCF8562TT PCF8562TT/S400/2 PCF8562TT/S400 |