Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED2001PUR Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce LED2001PUR
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001PUR Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button LED2001PUR Datasheet HTML 34Page - STMicroelectronics LED2001PUR Datasheet HTML 35Page - STMicroelectronics LED2001PUR Datasheet HTML 36Page - STMicroelectronics LED2001PUR Datasheet HTML 37Page - STMicroelectronics LED2001PUR Datasheet HTML 38Page - STMicroelectronics LED2001PUR Datasheet HTML 39Page - STMicroelectronics LED2001PUR Datasheet HTML 40Page - STMicroelectronics LED2001PUR Datasheet HTML 41Page - STMicroelectronics LED2001PUR Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Package mechanical data
LED2001
38/42
DocID024346 Rev 1
Figure 32. VFQFPN8 (4x4x1.08 mm) package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42