| Moteur de recherche de fiches techniques de composants électroniques |
|
IRFS7734PBF Fiches technique(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFS7734PBF Fiches technique(HTML) 6 Page - International Rectifier |
|
6 / 13 page ![]() IRFB/S/SL7734PbF 6 www.irf.com © 2014 International Rectifier Submit Datasheet Feedback November 5, 2014 1E-006 1E-005 0.0001 0.001 0.01 0.1 1 t1 , Rectangular Pulse Duration (sec) 0.0001 0.001 0.01 0.1 1 0.20 0.10 D = 0.50 0.02 0.01 0.05 SINGLE PULSE ( THERMAL RESPONSE ) Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 tav (sec) 1 10 100 1000 Allowed avalanche Current vs avalanche pulsewidth, tav, assuming j = 25°C and Tstart = 150°C. Allowed avalanche Current vs avalanche pulsewidth, tav, assuming Tj = 150°C and Tstart = 25°C (Single Pulse) Fig 14. Maximum Effective Transient Thermal Impedance, Junction-to-Case Fig 16. Maximum Avalanche Energy vs. Temperature 25 50 75 100 125 150 175 Starting TJ , Junction Temperature (°C) 0 100 200 300 400 TOP Single Pulse BOTTOM 1.0% Duty Cycle ID = 100A Fig 15. Avalanche Current vs. Pulse Width Notes on Repetitive Avalanche Curves , Figures 15, 16: (For further info, see AN-1005 at www.irf.com) 1.Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of Tjmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 23a, 23b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25°C in Figure 15, 16). tav = Average time in avalanche. D = Duty cycle in avalanche = tav ·f ZthJC(D, tav) = Transient thermal resistance, see Figures 13) PD (ave) = 1/2 ( 1.3·BV·Iav) = T/ ZthJC Iav = 2T/ [1.3·BV·Zth] EAS (AR) = PD (ave)·tav |
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |