Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7375V Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce TDA7375V
Description  2 x 35W dual/quad power amplifier for car radio
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375V Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button TDA7375V Datasheet HTML 7Page - STMicroelectronics TDA7375V Datasheet HTML 8Page - STMicroelectronics TDA7375V Datasheet HTML 9Page - STMicroelectronics TDA7375V Datasheet HTML 10Page - STMicroelectronics TDA7375V Datasheet HTML 11Page - STMicroelectronics TDA7375V Datasheet HTML 12Page - STMicroelectronics TDA7375V Datasheet HTML 13Page - STMicroelectronics TDA7375V Datasheet HTML 14Page - STMicroelectronics TDA7375V Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
TDA7375V
Figure 26. Output Fault Waveforms (see fig. 27)
Figure 27. Fault Waveforms
5.8 HANDLING OF THE DIAGNOSTICS INFORMATION
As various kinds of information is available at the same pin (clipping detection, output fault, thermal prox-
imity), this signal must be handled properly in order to discriminate each event.
This could be done by taking into account the different timing of the diagnostic output during each case.
Normally the clip detector signalling produces a low level at pin 10 that is shorter than that present under
faulty conditions; based on this assumption an interface circuitry to differentiate the information is repre-
sented in the schematic of fig. 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15