Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMD4T2R Fiches technique(PDF) 7 Page - Rohm

No de pièce EMD4T2R
Description  NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

EMD4T2R Fiches technique(HTML) 7 Page - Rohm

  EMD4T2R Datasheet HTML 1Page - Rohm EMD4T2R Datasheet HTML 2Page - Rohm EMD4T2R Datasheet HTML 3Page - Rohm EMD4T2R Datasheet HTML 4Page - Rohm EMD4T2R Datasheet HTML 5Page - Rohm EMD4T2R Datasheet HTML 6Page - Rohm EMD4T2R Datasheet HTML 7Page - Rohm EMD4T2R Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMD4 / UMD4N
lDimensions (Unit : mm)
Dimension in mm / inches
UMT6
x
S A
A
e
D
b
c
Q
A3
y S
b2
e
S
Pattern of terminal position areas
[Not a recommended pattern of soldering pads]
MIN
MAX
MIN
MAX
A
0.80
1.00
0.031
0.039
A1
0.00
0.10
0.000
0.004
A3
b
0.15
0.30
0.006
0.012
c
0.10
0.20
0.004
0.008
D
1.90
2.10
0.075
0.083
E
1.15
1.35
0.045
0.053
e
HE
2.00
2.20
0.079
0.087
L1
0.20
0.50
0.008
0.020
Lp
0.25
0.55
0.010
0.022
Q
0.10
0.30
0.004
0.012
x
-
0.10
-
0.004
y
-
0.10
-
0.004
MIN
MAX
MIN
MAX
b2
-
0.40
-
0.016
e1
l1
-
0.65
-
0.026
1.55
0.061
DIM
MILIMETERS
INCHES
0.25
0.010
0.65
0.026
DIM
MILIMETERS
INCHES
7/7
2013.07 - Rev.C



Html Pages

1 2 3 4 5 6 7 8