| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72F32AJ2T6 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F32AJ2T6 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 157 page ![]() ST7232A 12/157 Notes: 1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, else the configuration is floating interrupt input. 2. In the open drain output column, “T” defines a true open drain I/O (P-Buffer and protection diode to VDD are not implemented). See See “I/O PORTS” on page 42. and Section 12.8 I/O PORT PIN CHARACTER- ISTICS for more details. 3. OSC1 and OSC2 pins connect a crystal/ceramic resonator, or an external source to the on-chip oscil- lator; see Section 1 INTRODUCTION and Section 12.5 CLOCK AND TIMING CHARACTERISTICS for more details. 4. On the chip, each I/O port has 8 pads. Pads that are not bonded to external pins are in input pull-up con- figuration after reset. The configuration of these pads must be kept at reset state to avoid added current consumption. 5. For details refer to Section 12.8.1 on page 128 1 |