Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD74LVC32 Fiches technique(PDF) 4 Page - Hitachi Semiconductor

No de pièce HD74LVC32
Description  Quad. 2-input OR Gates
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC32 Fiches technique(HTML) 4 Page - Hitachi Semiconductor

  HD74LVC32 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC32 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC32 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC32 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC32 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC32 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC32 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74LVC32
4
Switching Characteristics
Ta = –40 to 85
°C
Item
Symbol
V
CC (V)
Min
Typ
Max
Unit
From (Input) To (Output)
Propagation delay time
t
PLH
2.7
—
4.5
7.0
ns
A or B
Y
t
PHL
3.3
±0.3
1.5
3.5
6.0
ns
5.0
±0.5
—
3.0
5.0
ns
Input capacitance
C
IN
2.7
—
3.0
—
pF
Output capacitance
C
O
2.7
—
15.0
—
pF



Html Pages

1 2 3 4 5 6 7