Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD3001 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce PD3001
Description  Data Transmission Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

PD3001 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  PD3001 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD3001 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD3001
Data Transmission Cable
Page 1
3/03/06 V1.0
Features:
Single twisted pair of (7/30AWG) tinned copper conductors
screened overall in aluminised polyester tape with integral drain
wire.
Screened cable 1 pair per metre.
Area, conductor CSA: 0.336mm2; 22 AWG (7/0.25mm) tinned
copper.
Primary insulation: PVC.
Secondary insulation: sheathed overall in grey PVC.
Number of cores : 2.
Continuous length in 1m multiples.
Overall
Diameter
Impedance
(
Ω)
Capacitance/metre
Part Number
Core/core
(pF)
Core/screen
(pF)
PD3001
4.6
85
79
164
Specifications
Dimensions : Millimetres


Numéro de pièce similaire - PD3001

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
PD300 ANADIGICS-PD300 Datasheet
179Kb / 2P
300關m InGaAs Photodiode
Rev 1.0
PD300-003-0XX ANADIGICS-PD300-003-0XX Datasheet
179Kb / 2P
300關m InGaAs Photodiode
Rev 1.0
PD300-003-100 ANADIGICS-PD300-003-100 Datasheet
179Kb / 2P
300關m InGaAs Photodiode
Rev 1.0
PD300-003-105 ANADIGICS-PD300-003-105 Datasheet
179Kb / 2P
300關m InGaAs Photodiode
Rev 1.0
PD300-003-1XX ANADIGICS-PD300-003-1XX Datasheet
179Kb / 2P
300關m InGaAs Photodiode
Rev 1.0
More results

Description similaire - PD3001

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
405A ETC2-405A Datasheet
68Kb / 4P
Transmission Engineering Data
AB46 ETC2-AB46 Datasheet
125Kb / 6P
Transmission Engineering Data
logo
SICK AG
ISD300-1111 SICK-ISD300-1111 Datasheet
1Mb / 6P
OPTICAL DATA TRANSMISSION
ISD300-1311 SICK-ISD300-1311 Datasheet
1Mb / 6P
OPTICAL DATA TRANSMISSION
ISD300-5211 SICK-ISD300-5211 Datasheet
1Mb / 6P
OPTICAL DATA TRANSMISSION
ISD300-6211 SICK-ISD300-6211 Datasheet
1Mb / 6P
OPTICAL DATA TRANSMISSION
ISD300-6212 SICK-ISD300-6212 Datasheet
1Mb / 6P
OPTICAL DATA TRANSMISSION
ISD400-6111 SICK-ISD400-6111 Datasheet
572Kb / 5P
OPTICAL DATA TRANSMISSION
ISD400-7222 SICK-ISD400-7222 Datasheet
509Kb / 6P
OPTICAL DATA TRANSMISSION
ISD400-7312 SICK-ISD400-7312 Datasheet
508Kb / 6P
OPTICAL DATA TRANSMISSION
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com