| Moteur de recherche de fiches techniques de composants électroniques |
|
STM706P Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM706P Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 32 page ![]() STM706T/S/R, STM706P, STM708T/S/R Description Doc ID 10518 Rev 12 5/32 1 Description The STM70x supervisors are self-contained devices which provide microprocessor supervisory functions. A precision voltage reference and comparator monitors the VCC input for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset output (RST) is forced low (or high in the case of RST). These devices also offer a watchdog timer (except for STM708T/S/R) as well as a power-fail comparator to provide the system with an early warning of impending power failure. The STM706P device is identical to the STM706R device, except its reset output is active high. These devices are available in a standard 8-pin SOIC package or a space-saving 8-pin TSSOP package. Figure 1. Logic diagram (STM706T/S/R and STM706P) 1. For STM706P only. Figure 2. Logic diagram (STM708T/S/R) AI08841 VCC STM706T/S/R, STM706P VSS WDO RST (RST) (1) WDI PFI MR PFO AI08842 VCC STM708T/S/R VSS RST RST MR PFI PFO |