| Moteur de recherche de fiches techniques de composants électroniques |
|
CSS2728 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CSS2728 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 6 page ![]() Rev Date: 06/04/2012 3 www.seielect.com This specification may be changed at any time without prior notice marketing@seielect.com Please confirm technical specifications before you order and/or use. CSS/CSSH Series Ultra Precision Current Sensing Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions 0.063 0.086 0.039 inches 1.60 2.18 1.00 mm 0.114 0.115 0.048 inches 2.89 2.92 1.22 mm 0.090 0.115 0.095 inches 2.29 2.92 2.41 mm 0.120 0.145 0.050 inches 3.05 3.68 1.27 mm 0.083 0.145 0.125 inches 2.11 3.68 3.18 mm 0.120 0.145 0.050 inches 3.05 3.68 1.27 mm 0.0006 - 0.0029 0.086 0.145 0.118 inches 0.0041 - 0.01 2.19 3.68 3.00 mm 0.110 0.145 0.071 inches 2.79 3.68 1.80 mm 0.125 0.270 0.052 inches 3.18 6.86 1.32 mm 0.108 0.308 0.138 inches 2.75 7.82 3.51 mm 0.108 0.308 0.138 inches 2.75 7.82 3.51 mm 0.189 0.344 0.217 inches 4.80 8.74 5.51 mm 0.134 0.344 0.327 inches 3.40 8.74 8.31 mm CSS4527 5 0.0005 - 0.005 0.0051 - 0.12 CSS2728 3 0.004 - 0.1 CSSH2728 4 0.004 - 0.1 0.00025 - 0.003 CSS2725 4 CSSH2512 3 0.0005 0.003 - 0.004 CSS2512 2 0.0005 - 0.004 0.0041 - 0.075 CSS1206 1 0.001 - 0.05 CSS2010 1 0.001 - 0.003 0.0031 - 0.1 Type/Code Maximum Power Rating (Watts) Resistance Range (Ω)a b i Unit Solder Pad Dimensions |