Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L297 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce L297
Description  STEPPER MOTOR CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L297 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button L297 Datasheet HTML 3Page - STMicroelectronics L297 Datasheet HTML 4Page - STMicroelectronics L297 Datasheet HTML 5Page - STMicroelectronics L297 Datasheet HTML 6Page - STMicroelectronics L297 Datasheet HTML 7Page - STMicroelectronics L297 Datasheet HTML 8Page - STMicroelectronics L297 Datasheet HTML 9Page - STMicroelectronics L297 Datasheet HTML 10Page - STMicroelectronics L297 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
APPLICATION INFORMATION
TWO PHASE BIPOLAR STEPPER MOTOR CONTROL CIRCUIT
This circuit drives bipolar stepper motors with winding currents up to 2A. The diodes are fast 2A types.
Figure 2.
Figure 3 : Synchronising L297s
8/11
L297



Html Pages

1 2 3 4 5 6 7 8 9 10 11